2-12 call toll free: 1 (800) 323-9612 barrier blocks series 142 .563 density, 8-32 x 5/16" bh screw, open bottom, double row electrical characteristics voltage rating: 250 vac rms maximum current rating: 30 amps maximum maximum watts per terminal: 7500 mec hanical characteristics maximum wire size: #10 awg recommended tightening torque: 16 lb.-in. dimensions ordering information marketed exclusively through distribution. no. of standard screw ?m? ?l? terminals catalog no. dim. dim. 1 1-142 1.125 1.531 2 2-142 1.687 2.094 3 3-142 2.250 2.656 4 4-142 2.812 3.219 5 5-142 3.375 3.781 6 6-142 3.937 4.344 7 7-142 4.500 4.906 8 8-142 5.062 5.468 9 9-142 5.625 6.031 10 10-142 6.187 6.594 11 11-142 6.750 7.156 12 12-142 7.312 7.719 13 13-142 7.875 8.281 14 14-142 8.437 8.844 15 15-142 9.000 9.406 16 16-142 9.562 9.969 17 17-142 10.125 10.531
2-13 barrier blocks series 142 .563 density, 8-32 x 5/16" bh screw, open bottom, double row call toll free: 1 (800) 323-9612 solder terminal options dimensions ?y? terminals ?3/4w? terminals ?w? terminals ordering information marketed exclusively through distribution. no. of terminals catalog no. catalog no. catalog no. 1 1-142-y 1-142-3/4w 1-142-w 2 2-142-y 2-142-3/4w 2-142-w 3 3-142-y 3-142-3/4w 3-142-w 4 4-142-y 4-142-3/4w 4-142-w 5 5-142-y 5-142-3/4w 5-142-w 6 6-142-y 6-142-3/4w 6-142-w 7 7-142-y 7-142-3/4w 7-142-w 8 8-142-y 8-142-3/4w 8-142-w 9 9-142-y 9-142-3/4w 9-142-w 10 10-142-y 10-142-3/4w 10-142-w 11 11-142-y 11-142-3/4w 11-142-w 12 12-142-y 12-142-3/4w 12-142-w 13 13-142-y 13-142-3/4w 13-142-w 14 14-142-y 14-142-3/4w 14-142-w 15 15-142-y 15-142-3/4w 15-142-w 16 16-142-y 16-142-3/4w 16-142-w 17 17-142-y 17-142-3/4w 17-142-w solder terminals can be ordered separately. terminal type catalog no. ?y? y-142 ?3/4w? 3/4w-142 ?w? w-142
marker strips dimensions standard ?y? terminal 2-14 dura-con ? high reliability all-plastic barrier blocks series 142 .563 density, 8-32 x 5/16" bh screw, open bottom, double row 2 call toll free: 1 (800) 323-9612 ordering information marketed exclusively through distribution. no. of terminals catalog no. catalog no. 1 ms-1-142 ms-1-142-y 2 ms-2-142 ms-2-142-y 3 ms-3-142 ms-3-142-y 4 ms-4-142 ms-4-142-y 5 ms-5-142 ms-5-142-y 6 ms-6-142 ms-6-142-y 7 ms-7-142 ms-7-142-y 8 ms-8-142 ms-8-142-y 9 ms-9-142 ms-9-142-y 10 ms-10-142 ms-10-142-y 11 ms-11-142 ms-11-142-y 12 ms-12-142 ms-12-142-y 13 ms-13-142 ms-13-142-y 14 ms-14-142 ms-14-142-y 15 ms-15-142 ms-15-142-y 16 ms-16-142 ms-16-142-y 17 ms-17-142 ms-17-142-y use standard marker strips for ?3/4w? and ?w? solder terminals. accessories jumpers fanning strips
|